Part Number Hot Search : 
1SMB36A 1N6268A AB019B MB100 KA388 31000 5A222G 5Z8V2
Product Description
Full Text Search
 

To Download ABR2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ABR2500 - ABR2510
PRV : 50 - 1000 Volts Io : 25 Amperes
FEATURES :
* * * * * * High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop ldeal for printed circuit board
AVALANCHE BRIDGE RECTIFIERS
BR50
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.70) 1.130(28.70) 0.618(15.70) 1.120(28.40)
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : plated .25" (6.35 mm). Faston * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30) 0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
0.310(7.87) 0.280(7.11)
Metal Heatsink
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Minimum Avalanche Breakdown Voltage at 100 A Maximum Avalanche Breakdown Voltage at 100 A Maximum Average Forward Current Tc = 50C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Rating for fusing at ( t < 8.3 ms. ) Maximum Forward Voltage per Diode at IF = 12.5 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance Storage Temperature Range Ta = 25 C Ta = 100 C (Note 1)
SYMBOL VRRM VRMS VDC VBO(min.) VBO(max.) IF(AV) IFSM It VF IR IR(H) RJC TJ TSTG
2
ABR 2500 50 35 50 100 550
ABR 2501 100 70 100 150 600
ABR 2502 200 140 200 250 700
ABR 2504 400 280 400 450 900 25 300 375 1.1 10 200 1.45
ABR 2506 600 420 600 700 1150
ABR 2508 800 560 800 900 1350
ABR UNITS 2510 1000 Volts 700 1000 1100 1550 Volts Volts Volts Volts Amps. Amps. A2S Volts A A C/W C C
Operating Junction Temperature Range
- 50 to + 150 - 50 to + 150
Notes :
1 ) Thermal resistance from Junction to case with units mounted on a 5" x 6" x 4.9" (12.8cm x 15.2cm x 12.4 cm) Al. plate.
UPDATE : APRIL 21, 1998
RATING AND CHARACTERISTIC CURVES ( ABR2500 - ABR2510 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
50 300
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
40
240
TJ = 55 C
30
180
20 HEAT-SINK MOUNTING, Tc 5"x6"x4.9" THK (12.8cm x 15.2cm x 12.4cm) Al. Finned Plate 0 25 50 75 100 125 150 175
120
10
60
8ms SINGLE HALF SINE WAVE JEDEC METHOD
0
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
10
FORWARD CURRENT, AMPERES
TJ = 100 C
10 Pulse Width = 300 s 1 % Duty Cycle 1.0
1.0
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of ABR2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X